PART |
Description |
Maker |
ZHR-3 ZHR-4 ZHR-6 ZHR-2 S2B-ZR S4B-ZR S3B-ZR B2B-Z |
CONNECTOR HOUSING 4 WAY CONNECTOR HOUSING 6 WAY HEADER SIDE ENTRY 2 WAY HEADER SIDE ENTRY 4 WAY HEADER SIDE ENTRY 3 WAY HEADER TOP ENTRY 2 WAY HEADER SIDE ENTRY 6 WAY HEADER TOP ENTRY 3 WAY HEADER TOP ENTRY 6 WAY CONNECTOR HOUSING 2 WAY 连接器外2种方 CONNECTOR HOUSING 3 WAY 连接器外3未来 HEADER TOP ENTRY 4 WAY 头顶端插
|
Electronic Theatre Controls, Inc.
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
43045-0421 43045-0621 43045-2423 43045-0622 43045- |
Header; No. of Contacts:4; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes POWER CONNECTOR Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes POWER CONNECTOR Microfit 3.0 RA PTH w/clip 30Au DR 24Ckt POWER CONNECTOR Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.118 Pitch,R ANGLE PC TAIL Terminal POWER CONNECTOR Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.118 Pitch,R ANGLE PC TAIL Terminal POWER CONNECTOR 430451621 POWER CONNECTOR Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,R ANGLE PC TAIL Terminal POWER CONNECTOR
|
Molex, Inc.
|
39-31-1032 39-30-7051 39-30-3041 39-30-3056 |
A5569-03A4BL 94V2 Peg 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5CKT S/R R/A MINI FIT HDR ASSY 556905A4S 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,4 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:0.165"; No. of Rows:1; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
9612045604AR 9612045804AR 9611025604AR 9612025604A |
10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 3M?/a> Pin Strip Header 3M Pin Strip Header 3M垄芒 Pin Strip Header
|
3M ELECTRONIC PRODUCTS DIVISION 3M Electronics
|
0554016019 55401-6019 |
2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 60 Circuits, Side Mating Keys, Lead-free MOLEX Connector
|
Molex Electronics Ltd.
|
39-29-1168 39-29-5203 39-29-1028 39-29-1027 39-29- |
Header; Number of Contacts:16; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER HEADER, MINI-FIT R/A 2WAY 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 1X2 M RA SN .165"LS W/FLANGES 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:22; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5569; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Through Hole; Contact Plating:Gold Header Connector,PCB Mnt,RECEPT,12 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK Multipole Connector; No. of Contacts:24; Pitch Spacing:4.2mm; No. of Rows:2; Gender:Header; Body Material:Multipole Connector; Connecting Termination:Through Hole; Current Rating:6A; Mounting Type:Through Hole RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
0010844020 10-84-4020 A-42002-2A1A1 |
6.35mm (.250) Pitch MLX Power Connector Header, Vertical, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White MOLEX Connector
|
Molex Electronics Ltd.
|
0554013019 55401-3019 |
2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, Vertical,Shrouded Header with Eject Levers, 30 Circuits, Lead-free Molex Electronics Ltd. MOLEX Connector
|
Molex Electronics Ltd.
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|